PART |
Description |
Maker |
MAX15026 |
Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
|
Maxim Integrated Products, Inc.
|
MAX1504110 |
Low-Cost, 3A, 4.5V to 28V Input, 350kHz, PWM Step-Down DC-DC Regulator with Internal Switches
|
Maxim Integrated Products
|
MAX15026CATD MAX15026BETV |
Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
|
Maxim Integrated Produc...
|
HSMP-3860-BLK HSMP-3860-TR1 HSMP-3860-TR2 HSMP-386 |
Surface Mount PIN Diodes HSMP-386E · Low cost general purpose PIN diode HSMP-3862 · Low cost general purpose PIN diode HSMP-386C · Low cost general purpose PIN diode HSMP-386L · Low cost general purpose PIN diode HSMP-3863 · Low cost general purpose PIN diode HSMP-3864 · Low cost general purpose PIN diode HSMP-386B · Low cost general purpose PIN diode
|
Agilent(Hewlett-Packard... http:// HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
MAX5380 MAX5380EUK-T MAX5380LEUK MAX5380-MAX5382 M |
4 V, Low-cost, low-power, 8-bit DAC with 2-wire serial interface Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 SERIAL INPUT LOADING, 20 us SETTLING TIME, 8-BIT DAC, PDSO5 Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 低成本,低功耗,8位DAC2线串行接口,采用SOT23 Low-Cost Low-Power 8-Bit DACs with 2-Wire Serial Interface in SOT23 " Low-Cost, Low- Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23" Low-Cost / Low-Power / 8-Bit DACs with 2-Wire Serial Interface in SOT23
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX705 MAX705CPA MAX705CSA MAX705CUA MAX705EPA MAX |
Quadruple 2-Input Multiplexers With Storage 16-CFP -55 to 125 Quadruple 2-Input Multiplexers With Storage 16-CDIP -55 to 125 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT08; Number of Contacts:4; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Right Angle Plug Low-Cost / uP Supervisory Circuits From old datasheet system Low-Cost uP Supervisory Circuits Low-Cost, μP Supervisory Circuits Low-Cost, uP Supervisory Circuits
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
QL2009 QL2009-0PB256C QL2009-0PB256I QL2009-0PF144 |
3.3V and 5.0V pASIC 2 FPGA combining speed, density, low cost and flexibility. 3.3V and 5.0V pASIC? 2 FPGA Combining Speed Density Low Cost and Flexibility 3.3V and 5.0V pASICò 2 FPGA 3.3V and 5.0V pASIC? 2 FPGA Combining Speed, Density, Low Cost and Flexibility 3.3V and 5.0V pASIC 2 FPGA Combining Speed/ Density/ Low Cost and Flexibility 3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility(高速,高可用密度,低成本、可适应性强.3V.0V pASIC 2系列场可编程逻辑器件) PT 6C 6#20 PIN RECP PT 8C 8#20 PIN RECP 3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility 3.3V.0V帕希奇? 2 FPGA的结合速度,密度,低成本和灵活
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. QuickLogic Corp.
|
IDT79RC4650 79RV4650_DS_45412 IDT79RV4650-150DP ID |
R4650 Low Cost, DSP Capable 64-bit RISC CPU **NOT RECOMMENDED FOR NEW DESIGNS** From old datasheet system Low-Cost 64-bit RISController w/DSP Capability
|
IDT
|
TC3405 TC3405VPE TC3405VQR |
The TC3405 is a low cost, low power analog-to-digital converter based on Microchip’s Sigma-Delta technology. It performs 16-bit conversions (15-bit plus sign) at up to eight per second.Thedeviceis optimizedforuseas microcontroller pe 16-Bit, Low Cost, Low Power Sigma-Delta A/D Converter
|
MICROCHIP[Microchip Technology]
|
MAX629 MAX629ESA MAX629C_D 1705 MAX629C/D |
From old datasheet system 28V / Low-Power / High-Voltage / Boost or Inverting DC-DC Converter 28V, Low-Power, High-Voltage, Boost or Inverting DC-DC Converter
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
PSD303-B-15J PSD303-B-15L PSD303-B-15M PSD303-B-15 |
Low Cost Field Programmable Microcontroller Peripherals PSD3XX/ZPSD3XX FAMILY LOW COST MICROCONTROLLER PERIPHERALS PSD3XX/ZPSD3XX FAMILY LOW COST MICROCONTROLLER PERIPHERALS Low cost field programmable microcontroller peripherals, 150ns Low cost field programmable microcontroller peripherals, 70ns
|
ST Microelectronics SGS Thomson Microelectronics
|